Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8SX/1663R Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # H8SX/1663R
Description  Renesas 32-Bit CISC Microcomputer H8SX Family / H8SX/1600 Series
PDF  1504 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8SX/1663R Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button H8SX/1663R Datasheet HTML 272Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 273Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 274Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 275Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 276Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 277Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 278Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 279Page - Renesas Technology Corp H8SX/1663R Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 1504 page
background image
Section 9 Bus Controller (BSC)
Rev. 2.00 Sep. 24, 2008 Page 244 of 1468
REJ09B0412-0200
9.6
Basic Bus Interface
The basic bus interface can be connected directly to the ROM and SRAM. The bus specifications
can be specified by the ABWCR, ASTCR, WTCRA, WTCRB, RDNCR, CSACR, and
ENDIANCR.
9.6.1
Data Bus
Data sizes for the CPU and other internal bus masters are byte, word, and longword. The bus
controller has a data alignment function, and controls whether the upper byte data bus (D15 to D8)
or lower byte data bus (D7 to D0) is used according to the bus specifications for the area being
accessed (8-bit access space or 16-bit access space), the data size, and endian format when
accessing external address space,. For details, see section 9.5.6, Endian and Data Alignment.
9.6.2
I/O Pins Used for Basic Bus Interface
Table 9.15 shows the pins used for basic bus interface.
Table 9.15
I/O Pins for Basic Bus Interface
Name
Symbol
I/O
Function
Bus cycle start
BS
Output
Signal indicating that the bus cycle has started
Address strobe
AS*
Output
Strobe signal indicating that an address output on the
address bus is valid during access
Read strobe
RD
Output
Strobe signal indicating the read access
Read/write
RD/
WR
Output
Signal indicating the data bus input or output
direction
Low-high write
LHWR
Output
Strobe signal indicating that the upper byte (D15 to
D8) is valid during write access
Low-low write
LLWR
Output
Strobe signal indicating that the lower byte (D7 to
D0) is valid during write access
Chip select 0 to 7
CS0 to CS7 Output
Strobe signal indicating that the area is selected
Wait
WAIT
Input
Wait request signal used when an external address
space is accessed
Note:
*
When the address/data multiplexed I/O is selected, this pin only functions as the
AH
output and does not function as the
AS output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com