| Electronic Components Datasheet Search |
|
H8S/2424 Datasheet(PDF) 329 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 329 Page - Renesas Technology Corp |
|
329 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 301 of 1270 REJ09B0466-0100 Figure 6.97 shows the timing for transition to the bus released state with the synchronous DRAM interface. CPU cycle External bus released state External space read T1 T2 φ Address bus DQMU, DQML BREQ BACK BREQO NOP PALL NOP NOP [1] [2] [3] [5] [4] [6] [8] [7] [9] [1] Low level of BREQ signal is sampled at rise of φ. [2] PALL command is issued. [3] Bus control signal returns to be high at end of external space access cycle. At least one state from sampling of BREQ signal. [4] BACK signal is driven low, releasing bus to external bus master.. [5] BREQ signal state is also sampled in external bus released state. [6] High level of BREQ signal is sampled. [7] BACK signal is driven high, ending external bus release cycle. [8] When there is external access or refresh request of internal bus master during external bus release while the BREQOE bit is set to 1, BREQO signal goes low. [9] BREQO signal goes high 1.5 states after rising edge of BACK signal. If BREQO signal is asserted because of auto-refreshing request, it retains low until auto-refresh cycle starts up. Data bus Precharge-sel WE RAS CKE CAS SDRAM φ Row address High impedance High impedance High impedance High impedance High impedance High impedance High impedance High impedance Figure 6.97 Bus Release State Transition Timing when Synchronous DRAM Interface Note: The synchronous DRAM interface is not supported by the H8S/2426 Group and H8S/2424 Group. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |