Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 332 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 328Page - Renesas Technology Corp H8S/2424 Datasheet HTML 329Page - Renesas Technology Corp H8S/2424 Datasheet HTML 330Page - Renesas Technology Corp H8S/2424 Datasheet HTML 331Page - Renesas Technology Corp H8S/2424 Datasheet HTML 332Page - Renesas Technology Corp H8S/2424 Datasheet HTML 333Page - Renesas Technology Corp H8S/2424 Datasheet HTML 334Page - Renesas Technology Corp H8S/2424 Datasheet HTML 335Page - Renesas Technology Corp H8S/2424 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 304 of 1270
REJ09B0466-0100
(4) EXDMAC
The EXDMAC sends the bus arbiter a request for the bus when an activation request is generated.
As the EXDMAC is used exclusively for transfers to and from the external bus, if the bus is
transferred to the EXDMAC, internal accesses by other internal bus masters are still executed in
parallel.
In normal transfer mode or cycle steal transfer mode, the EXDMAC releases the bus after a single
transfer.
In block transfer mode, it releases the bus after transfer of one block, and in burst transfer mode,
after completion of the transfer. By setting the BGUP bit to 1 in EDMDR, it is possible to specify
temporary release of the bus in the event of an external access request from an internal bus master.
For details see section 8, EXDMA Controller (EXDMAC).
Note:
The EXDMAC is not supported by the H8S/2424 Group.
(5) External Bus Release
When the
BREQ pin goes low and an external bus release request is issued while the BRLE bit is
set to 1 in BCR, a bus request is sent to the bus arbiter.
External bus release can be performed on completion of an external bus cycle.
6.14
Bus Controller Operation in Reset
In a reset, this LSI, including the bus controller, enters the reset state immediately, and any
executing bus cycle is aborted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com