Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 332Page - Renesas Technology Corp H8S/2424 Datasheet HTML 333Page - Renesas Technology Corp H8S/2424 Datasheet HTML 334Page - Renesas Technology Corp H8S/2424 Datasheet HTML 335Page - Renesas Technology Corp H8S/2424 Datasheet HTML 336Page - Renesas Technology Corp H8S/2424 Datasheet HTML 337Page - Renesas Technology Corp H8S/2424 Datasheet HTML 338Page - Renesas Technology Corp H8S/2424 Datasheet HTML 339Page - Renesas Technology Corp H8S/2424 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 308 of 1270
REJ09B0466-0100
A block diagram of the DMAC is shown in figure 7.1.
TGI0A
TGI1A
TGI2A
TGI3A
TGI4A
TGI5A
TXI0
RXI0
TXI1
RXI1
ADI
ADI0
DREQ0
DREQ1
TEND0
TEND1
DACK0
DACK1
DMTEND0A
DMTEND0B
DMTEND1A
DMTEND1B
DMAWER
DMACR_1B
DMACR_1A
DMACR_0B
DMACR_0A
DMATCR
DMABCR
MAR_0AH
MAR_0BH
IOAR_0A
ETCR_0A
IOAR_0B
ETCR_0B
MAR_1AH
IOAR_1A
ETCR_1A
MAR_1BH
MAR_0AL
MAR_0BL
MAR_1AL
MAR_1BL
IOAR_1B
ETCR_1B
Internal address bus
Address buffer
Processor
Internal interrupts
External pins
Interrupt signals
Control logic
Data buffer
Internal data bus
Legend:
DMAWER
: DMA write enable register
DMATCR
: DMA terminal control register
DMABCR
: DMA band control register (for all channels)
DMACR
: DMA control register
MAR
: Memory address register
IOAR
: I/O address register
ETCR
: Execute transfer count register
Figure 7.1 Block Diagram of DMAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com