Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 339 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 339 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 335Page - Renesas Technology Corp H8S/2424 Datasheet HTML 336Page - Renesas Technology Corp H8S/2424 Datasheet HTML 337Page - Renesas Technology Corp H8S/2424 Datasheet HTML 338Page - Renesas Technology Corp H8S/2424 Datasheet HTML 339Page - Renesas Technology Corp H8S/2424 Datasheet HTML 340Page - Renesas Technology Corp H8S/2424 Datasheet HTML 341Page - Renesas Technology Corp H8S/2424 Datasheet HTML 342Page - Renesas Technology Corp H8S/2424 Datasheet HTML 343Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 311 of 1270
REJ09B0466-0100
Table 7.2
Short Address Mode and Full Address Mode (Channel 0)
FAE0
Description
0
Short address mode specified (channels 0A and 0B operate independently)
MAR_0AH
Specifies transfer source/transfer destination address
Specifies transfer destination/transfer source address
Specifies number of transfers
Specifies transfer size, mode, activation source.
Specifies transfer source/transfer destination address
Specifies transfer destination/transfer source address
Specifies number of transfers
Specifies transfer size, mode, activation source.
IOAR_0A
ETCR_0A
DMACR_0A
MAR_0BH
MAR_0AL
MAR_0BL
IOAR_0B
ETCR_0B
DMACR_0B
1
Full address mode specified (channels 0A and 0B operate in combination as channel 0)
MAR_0AH
Specifies transfer source address
Specifies transfer destination address
Not used
Not used
Specifies number of transfers
Specifies number of transfers (used in block transfer
mode only)
Specifies transfer size, mode, activation source, etc.
IOAR_0A
ETCR_0A
DMACR_0A
MAR_0BH
MAR_0AL
MAR_0BL
IOAR_0B
ETCR_0B
DMACR_0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com