Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 357Page - Renesas Technology Corp H8S/2424 Datasheet HTML 358Page - Renesas Technology Corp H8S/2424 Datasheet HTML 359Page - Renesas Technology Corp H8S/2424 Datasheet HTML 360Page - Renesas Technology Corp H8S/2424 Datasheet HTML 361Page - Renesas Technology Corp H8S/2424 Datasheet HTML 362Page - Renesas Technology Corp H8S/2424 Datasheet HTML 363Page - Renesas Technology Corp H8S/2424 Datasheet HTML 364Page - Renesas Technology Corp H8S/2424 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 333 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
2
DTIE1A
0
R/W
Data Transfer End Interrupt Enable 1A
Enables or disables an interrupt to the CPU or
DTC when transfer ends. If the DTE1 bit is cleared
to 1 when DTIE1A = 1, the DMAC regards this as
indicating the end of a transfer, and issues a
transfer end interrupt request to the CPU or DTC.
A transfer end interrupt can be canceled either by
clearing the DTIE1A bit to 0 in the interrupt
handling routine, or by performing processing to
continue transfer by setting the transfer counter
and address register again, and then setting the
DTE1 bit to 1.
1
DTIE0B
0
R/W
Data Transfer Interrupt Enable 0B
Enables or disables an interrupt to the CPU or
DTC when transfer on channel 1 is interrupted. If
the DTME0 bit is cleared to 0 when DTIE0B = 1,
the DMAC regards this as indicating a break in the
transfer, and issues a transfer break interrupt
request to the CPU or DTC.
A transfer break interrupt can be canceled either
by clearing the DTIE0B bit to 0 in the interrupt
handling routine, or by performing processing to
continue transfer by setting the DTME0 bit to 1.
0
DTIE0A
0
R/W
Data Transfer End Interrupt Enable 0A
Enables or disables an interrupt to the CPU or
DTC when transfer ends. If the DTE0 bit is cleared
to 0 when DTIE0A = 1, the DMAC regards this as
indicating the end of a transfer, and issues a
transfer end interrupt request to the CPU or DTC.
A transfer end interrupt can be canceled either by
clearing the DTIE0A bit to 0 in the interrupt
handling routine, or by performing processing to
continue transfer by setting the transfer counter
and address register again, and then setting the
DTE0 bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com