Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 361Page - Renesas Technology Corp H8S/2424 Datasheet HTML 362Page - Renesas Technology Corp H8S/2424 Datasheet HTML 363Page - Renesas Technology Corp H8S/2424 Datasheet HTML 364Page - Renesas Technology Corp H8S/2424 Datasheet HTML 365Page - Renesas Technology Corp H8S/2424 Datasheet HTML 366Page - Renesas Technology Corp H8S/2424 Datasheet HTML 367Page - Renesas Technology Corp H8S/2424 Datasheet HTML 368Page - Renesas Technology Corp H8S/2424 Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 337 of 1270
REJ09B0466-0100
7.4
Activation Sources
DMAC activation sources consist of internal interrupt requests, external requests, and auto-
requests. The DMAC activation sources that can be specified depend on the transfer mode and
channel, as shown in table 7.3.
Table 7.3
DMAC Activation Sources
Short Address Mode
Full Address Mode
Activation Source
Channels
0A and 1A
Channels
0B and
1B
Normal
Mode
Block
Transfer
Mode
ADI0
×
TXI0
×
RXI0
×
TXI1
×
RXI1
×
TGI0A
×
TGI1A
×
TGI2A
×
TGI3A
×
TGI4A
×
Internal
interrupts
TGI5A
×
DREQ pin falling edge input
×
External
requests
DREQ pin low-level input
×
Auto-request
×
×
×
Legend:
:
Can be specified
×:
Cannot be specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com