Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 366 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 366 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 362Page - Renesas Technology Corp H8S/2424 Datasheet HTML 363Page - Renesas Technology Corp H8S/2424 Datasheet HTML 364Page - Renesas Technology Corp H8S/2424 Datasheet HTML 365Page - Renesas Technology Corp H8S/2424 Datasheet HTML 366Page - Renesas Technology Corp H8S/2424 Datasheet HTML 367Page - Renesas Technology Corp H8S/2424 Datasheet HTML 368Page - Renesas Technology Corp H8S/2424 Datasheet HTML 369Page - Renesas Technology Corp H8S/2424 Datasheet HTML 370Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 366 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 338 of 1270
REJ09B0466-0100
7.4.1
Activation by Internal Interrupt Request
An interrupt request selected as a DMAC activation source can also simultaneously generate an
interrupt request for the CPU or DTC. For details, see section 5, Interrupt Controller.
With activation by an internal interrupt request, the DMAC accepts the interrupt request
independently of the interrupt controller. Consequently, interrupt controller priority settings are
irrelevant.
If the DMAC is activated by a CPU interrupt source or an interrupt request that is not used as a
DTC activation source (DTA = 1), the interrupt request flag is cleared automatically by the DMA
transfer. With ADI, TXI, and RXI interrupts, however, the interrupt source flag is not cleared
unless the relevant register is accessed in a DMA transfer. If the same interrupt is used as an
activation source for more than one channel, the interrupt request flag is cleared when the highest-
priority channel is activated. Transfer requests for other channels are held pending in the DMAC,
and activation is carried out in order of priority.
When DTE = 0 after completion of a transfer, an interrupt request from the selected activation
source is not sent to the DMAC, regardless of the DTA bit setting. In this case, the relevant
interrupt request is sent to the CPU or DTC.
When an interrupt request signal for DMAC activation is also used for an interrupt request to the
CPU or DTC activation (DTA = 0), the interrupt request flag is not cleared by the DMAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com