Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 428 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 428 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 424Page - Renesas Technology Corp H8S/2424 Datasheet HTML 425Page - Renesas Technology Corp H8S/2424 Datasheet HTML 426Page - Renesas Technology Corp H8S/2424 Datasheet HTML 427Page - Renesas Technology Corp H8S/2424 Datasheet HTML 428Page - Renesas Technology Corp H8S/2424 Datasheet HTML 429Page - Renesas Technology Corp H8S/2424 Datasheet HTML 430Page - Renesas Technology Corp H8S/2424 Datasheet HTML 431Page - Renesas Technology Corp H8S/2424 Datasheet HTML 432Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 400 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
14
BEF
0
R/(W)
*
Block Transfer Error Flag
Flag that indicates the occurrence of an error during
block transfer. If an NMI interrupt is generated
during block transfer, the EXDMAC immediately
terminates the EXDMA operation and sets this bit to
1. The address registers indicate the next transfer
addresses, but the data for which transfer has been
performed within the block size is lost.
0: No block transfer error
[Clearing condition]
Writing 0 to BEF after reading BEF = 1
1: Block transfer error
[Setting condition]
NMI interrupt during block transfer
13
EDRAKE
0
R/W
EDRAK Pin Output Enable
Enables output from the
EDREQ
acknowledge/transfer processing start (
EDRAK)
pin.
0:
EDRAK pin output disabled
1:
EDRAK pin output enabled
12
ETENDE
0
R/W
ETEND Pin Output Enable
Enables output from the EXDMA transfer end
(
ETEND) pin.
0:
ETEND pin output disabled
1:
ETEND pin output enabled
11
EDREQS
0
R/W
EDREQ Select
Specifies low level sensing or falling edge sensing
as the sampling method for the
EDREQ pin used in
external request mode.
0: Low level sensing (Low level sensing is used for
the first transfer after transfer is enabled.)
1: Falling edge sensing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com