Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 430 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 430 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 426Page - Renesas Technology Corp H8S/2424 Datasheet HTML 427Page - Renesas Technology Corp H8S/2424 Datasheet HTML 428Page - Renesas Technology Corp H8S/2424 Datasheet HTML 429Page - Renesas Technology Corp H8S/2424 Datasheet HTML 430Page - Renesas Technology Corp H8S/2424 Datasheet HTML 431Page - Renesas Technology Corp H8S/2424 Datasheet HTML 432Page - Renesas Technology Corp H8S/2424 Datasheet HTML 433Page - Renesas Technology Corp H8S/2424 Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 402 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
6
IRF
0
R/(W)
*
Interrupt Request Flag
Flag indicating that an interrupt request has
occurred and transfer has ended.
0: No interrupt request
[Clearing conditions]
• Writing 1 to the EDA bit
• Writing 0 to IRF after reading IRF = 1
1: Interrupt request occurrence
[Setting conditions]
• Transfer end interrupt request generated by
transfer counter
• Source address repeat area overflow interrupt
request
• Destination address repeat area overflow
interrupt request
5
TCEIE
0
R/W
Transfer Counter End Interrupt Enable
Enables or disables transfer end interrupt requests
by the transfer counter. When transfer ends
according to the transfer counter while this bit is set
to 1, the IRF bit is set to 1, indicating that an
interrupt request has occurred.
0: Transfer end interrupt requests by transfer
counter are disabled
1: Transfer end interrupt requests by transfer
counter are enabled
4
SDIR
0
R/W
Single Address Direction
Specifies the data transfer direction in single
address mode. In dual address mode, the
specification by this bit is ignored.
0: Transfer direction: EDSAR
→ external device
with
DACK
1: Transfer direction: External device with
DACK→
EDDAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com