Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 532 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 532 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 528Page - Renesas Technology Corp H8S/2424 Datasheet HTML 529Page - Renesas Technology Corp H8S/2424 Datasheet HTML 530Page - Renesas Technology Corp H8S/2424 Datasheet HTML 531Page - Renesas Technology Corp H8S/2424 Datasheet HTML 532Page - Renesas Technology Corp H8S/2424 Datasheet HTML 533Page - Renesas Technology Corp H8S/2424 Datasheet HTML 534Page - Renesas Technology Corp H8S/2424 Datasheet HTML 535Page - Renesas Technology Corp H8S/2424 Datasheet HTML 536Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 532 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 504 of 1270
REJ09B0466-0100
10.1.4
Port 1 Open Drain Control Register (P1ODR)
P1ODR specifies the output type of each port 1 pin.
Bit
Bit Name
Initial Value
R/W
Description
7
P17ODR
0
R/W
6
P16ODR
0
R/W
5
P15ODR
0
R/W
4
P14ODR
0
R/W
3
P13ODR
0
R/W
2
P12ODR
0
R/W
1
P11ODR
0
R/W
0
P10ODR
0
R/W
Setting a P1ODR bit to 1 makes the corresponding
pin an NMOS open-drain output pin, while clearing
a P1ODR bit to 0 makes the corresponding pin a
CMOS output pin.
10.1.5
Pin Functions
Port 1 pins also function as the pins for PPG outputs, TPU I/Os, EXDMAC I/Os (H8S/2426,
H8S/2426R), SSU I/Os, and DMAC I/Os (H8S/2424). The correspondence between the register
specification and the pin functions is shown below.
(1) Pin Functions of H8S/2426 Group and H8S/2426R Group
• P17/PO15/TIOCB2/TCLKD/EDRAK3/SCS0-A
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, TPU channel 2 settings (by bits MD3 to MD0 in TMDR_2, bits IOB3 to
IOB0 in TIOR_2, and bits CCLR1 and CCLR0 in TCR_2), bits TPSC2 to TPSC0 in TCR_0
and TCR_5, bit NDER15 in NDERH of the PPG, bit EDRAKE in EDMDR_3 of the
EXDMAC, bits MSS, CSS1, and CSS0 in SSCRH and bit SSUMS in SSCRL of the SSU, bits
SCS0S1 and SCS0S0 in PFCR5, and bit P17DDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com