Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 533 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 533 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 529Page - Renesas Technology Corp H8S/2424 Datasheet HTML 530Page - Renesas Technology Corp H8S/2424 Datasheet HTML 531Page - Renesas Technology Corp H8S/2424 Datasheet HTML 532Page - Renesas Technology Corp H8S/2424 Datasheet HTML 533Page - Renesas Technology Corp H8S/2424 Datasheet HTML 534Page - Renesas Technology Corp H8S/2424 Datasheet HTML 535Page - Renesas Technology Corp H8S/2424 Datasheet HTML 536Page - Renesas Technology Corp H8S/2424 Datasheet HTML 537Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 505 of 1270
REJ09B0466-0100
• Modes 1, 2, 4, and 7 (EXPE = 1)
SSU settings
Can be used as I/O port
Input state Output state
EDRAKE
0
1
TPU channel 2
settings
(1) in table
below
(2) in table below
P17DDR
0
1
1
0
NDER15
0
1
P17 input P17 output
PO15
output
EDRAK3
output
TIOCB2
output
TIOCB2 input*
1
Pin function
TCLKD input*
2
SCS0-A
input*
3
SCS0-A
output*
4
• Mode 7 (EXPE = 0)
SSU settings
Can be used as I/O port
Input state
Output state
EDRAKE
0
TPU channel 2
settings
(1) in table
below
(2) in table below
P17DDR
0
1
1
0
NDER15
0
1
P17 input
P17 output
PO15 output
TIOCB2
output
TIOCB2 input*
1
Pin function
TCLKD input*
2
SCS0-A
input*
3
SCS0-A
output*
4
Notes: 1. TIOCB2 input when MD3 to MD0 = B'0000 or B'01
×× and IOB3 = 1.
2. TCLKD input when the setting for either TCR_0 or TCR_5 is TPSC2 to TPSC0 = B'111.
TCLKD input when channels 2 and 4 are set to phase counting mode.
3.
SCSO-A input when SCS0S1 and SCS0S0 = B'00 in PFCR5, and SSUMS, MSS,
CSS1, and CSS0 = B'00
××, B'0101, or B'0110. Do not set up for TPU or EXDMAC
outputs with
SCSO-A input.
4.
SCSO-A output when SCS0S1 and SCS0S0 = B'00 in PFCR5, and SSUMS, MSS,
CSS1, and CSS0 = B'011
×.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com