Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 585 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 585 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 581Page - Renesas Technology Corp H8S/2424 Datasheet HTML 582Page - Renesas Technology Corp H8S/2424 Datasheet HTML 583Page - Renesas Technology Corp H8S/2424 Datasheet HTML 584Page - Renesas Technology Corp H8S/2424 Datasheet HTML 585Page - Renesas Technology Corp H8S/2424 Datasheet HTML 586Page - Renesas Technology Corp H8S/2424 Datasheet HTML 587Page - Renesas Technology Corp H8S/2424 Datasheet HTML 588Page - Renesas Technology Corp H8S/2424 Datasheet HTML 589Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 585 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 557 of 1270
REJ09B0466-0100
10.5
Port 5
Port 5 is a 4-bit I/O port. Port 5 has the following registers. For the port function control registers,
refer to section 10.18, Port Function Control Registers.
• Port 5 data direction register (P5DDR)
• Port 5 data register (P5DR)
• Port 5 register (PORT5)
• Port 5 open drain control register (P5ODR)
• Port function control register 4 (PFCR4)
10.5.1
Port 5 Data Direction Register (P5DDR)
The individual bits of P5DDR specify input or output for the pins of port 5. P5DDR cannot be
read; if it is, an undefined value will be read.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
All 0
Reserved
3
P53DDR
0
W
2
P52DDR
0
W
1
P51DDR
0
W
0
P50DDR
0
W
When a pin function is specified as a general
purpose I/O, setting this bit to 1 makes the
corresponding pin an output port, while clearing this
bit to 0 makes the corresponding pin an input port.
10.5.2
Port 5 Data Register (P5DR)
P5DR stores output data for the port 5 pins.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
All 0
Reserved
These bits are always read as 0 and cannot be
modified.
3
P53DR
0
R/W
2
P52DR
0
R/W
1
P51DR
0
R/W
0
P50DR
0
R/W
Output data for a pin is stored when the pin function
is specified as a general purpose I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com