Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 587 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 587 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 583Page - Renesas Technology Corp H8S/2424 Datasheet HTML 584Page - Renesas Technology Corp H8S/2424 Datasheet HTML 585Page - Renesas Technology Corp H8S/2424 Datasheet HTML 586Page - Renesas Technology Corp H8S/2424 Datasheet HTML 587Page - Renesas Technology Corp H8S/2424 Datasheet HTML 588Page - Renesas Technology Corp H8S/2424 Datasheet HTML 589Page - Renesas Technology Corp H8S/2424 Datasheet HTML 590Page - Renesas Technology Corp H8S/2424 Datasheet HTML 591Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 587 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 559 of 1270
REJ09B0466-0100
10.5.5
Pin Functions
Port 5 pins also function as the pins for SCI I/Os, A/D converter inputs, interrupt inputs, I
2C I/Os,
bus control signal I/Os, JTAG inputs, PPG outputs, TPU I/Os, and 8-bit timer I/Os. The
correspondence between the register specification and the pin functions is shown below.
• P53/IRQ3-A/ADTRG0-A/TRST*3
The pin function is switched as shown below according to the combination of bits TRGS1,
TRGS0, and EXTRGS in ADCR_0 of the ADC, bit P53DDR, and bit ITS3 in ITSR of the
interrupt controller.
P53DDR
0
1
P53 input
P53 output
ADTRG0-A input*1
IRQ3-A interrupt input*2
Pin function
TRST input*3
Notes: 1.
ADTRG0-A input when the EXTRGS bit in ADCR0 is 0, and TRGS1 = TRGS0 = 1.
2.
IRQ3-A input when the ITS3 bit in ITSR is 0.
3.
TRST input when BSCANE pin = 1 and EMLE = 0 in the 145-pin package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com