Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 619 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 619 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 615Page - Renesas Technology Corp H8S/2424 Datasheet HTML 616Page - Renesas Technology Corp H8S/2424 Datasheet HTML 617Page - Renesas Technology Corp H8S/2424 Datasheet HTML 618Page - Renesas Technology Corp H8S/2424 Datasheet HTML 619Page - Renesas Technology Corp H8S/2424 Datasheet HTML 620Page - Renesas Technology Corp H8S/2424 Datasheet HTML 621Page - Renesas Technology Corp H8S/2424 Datasheet HTML 622Page - Renesas Technology Corp H8S/2424 Datasheet HTML 623Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 619 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 591 of 1270
REJ09B0466-0100
10.9.6
Pin Functions
Port A pins also function as the pins for address outputs, interrupt inputs, SSU I/Os, SCI I/Os, and
bus control signal outputs. The correspondence between the register specification and the pin
functions is shown below.
• PA7/A23/CS7*4/IRQ7-A/SSO0-B
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bits MSS and BIDE in SSCRH, bit SSUMS in SSCRL, and bits TE and RE
in SSER of the SSU, bits SSO0S1 and SSO0S0 in PFCR5, bit CS7E in PFCR0 (the H8S/2424
Group), bit A23E in PFCR1, bit PA7DDR, and bit ITS7 in ITSR of the interrupt controller.
• Modes 1, 2, and 4
A23E
0
1
CS7E
*
4
0
1
SSU settings
Can be used as
I/O port
Input
state
Output
state
PA7DDR
0
1
0
0
1
0
1
PA7 input
PA7
output
SSO0-B
input*
2
SSO0-B
output*
3
PA7 input
CS7
output*
4
PA7 input
A23 output
Pin function
IRQ7-A interrupt input*1
• Mode 7 (EXPE = 1)
A23E
0
1
CS7E
*
4
0
1
SSU settings
Can be used as
I/O port
Input state
Output
state
PA7DDR
0
1
0
0
1
0
1
PA7 input PA7 output
SSO0-B
input*
2
SSO0-B
output*
3
PA7 input
CS7
output*
4
PA7 input A23 output
Pin function
IRQ7-A interrupt input*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com