Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 621 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 621 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 617Page - Renesas Technology Corp H8S/2424 Datasheet HTML 618Page - Renesas Technology Corp H8S/2424 Datasheet HTML 619Page - Renesas Technology Corp H8S/2424 Datasheet HTML 620Page - Renesas Technology Corp H8S/2424 Datasheet HTML 621Page - Renesas Technology Corp H8S/2424 Datasheet HTML 622Page - Renesas Technology Corp H8S/2424 Datasheet HTML 623Page - Renesas Technology Corp H8S/2424 Datasheet HTML 624Page - Renesas Technology Corp H8S/2424 Datasheet HTML 625Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 621 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 593 of 1270
REJ09B0466-0100
• PA6/A22/IRQ6-A/SSI0-B
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bits MSS and BIDE in SSCRH, bit SSUMS in SSCRL, and bits TE and RE
in SSER of SSU, bit A22E in PFCR1, bits SSI0S1 and SSI0S0 in PFCR5, bit PA6DDR, and
bit ITS6 in ITSR of the interrupt controller.
• Modes 1, 2, and 4
A22E
SSU settings
Can be used as
I/O port
Input
state
Output
state
PA6DDR
0
1
0
0
1
PA6 input
PA6 output
SSI0-B
input*
2
SSI0-B
output*
3
PA6 input
A22 output
Pin function
IRQ6-A interrupt input*1
• Mode 7
EXPE
1
0
A22E
0
1
SSU settings Can be used as
I/O port
Input
state
Output
state
Can be used as
I/O port
Input
state
Output
state
PA6DDR
0
1
0
0
1
0
1
0
PA6
input
PA6
output
SSI0-B
input*
2
SSI0-B
output*
3
PA6
input
A22
output
PA6
input
PA6
output
SSI0-B
input*
2
SSI0-B
output*
3
Pin function
IRQ6-A interrupt input*1
Notes: 1.
IRQ6-A input when the ITS6 bit in ITSR is 0.
2. SSI0-B input when SSI0S1 and SSI0S0 = B'01 in PFCR5, and SSUMS, BIDE, MSS,
TE, and RE = B'001
×1 or B'10××1.
3. SSI0-B output when SSI0S1 and SSI0S0 = B'01 in PFCR5, and SSUMS, BIDE, MSS,
TE, and RE = B'0001
×.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com