Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 624 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 624 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 620Page - Renesas Technology Corp H8S/2424 Datasheet HTML 621Page - Renesas Technology Corp H8S/2424 Datasheet HTML 622Page - Renesas Technology Corp H8S/2424 Datasheet HTML 623Page - Renesas Technology Corp H8S/2424 Datasheet HTML 624Page - Renesas Technology Corp H8S/2424 Datasheet HTML 625Page - Renesas Technology Corp H8S/2424 Datasheet HTML 626Page - Renesas Technology Corp H8S/2424 Datasheet HTML 627Page - Renesas Technology Corp H8S/2424 Datasheet HTML 628Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 624 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 596 of 1270
REJ09B0466-0100
• PA4/A20/IRQ4-A/SCS0-B
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bits MSS, CSS1, and CSS0 in SSCRH and bit SSUMS in SSCRL of the
SSU, bit A20E in PFCR1, bit PA4DDR, and bit ITS4 in ITSR of the interrupt controller.
Operating
mode
1, 2
4
EXPE
A20E
0
1
SSU settings
Can be used as
I/O port
Input
state
Output
state
PA4DDR
0
1
0
0
1
A20 output PA4 input PA4 output
SCS0-B
input*
2
SCS0-B
output*
3
PA4 input A20 output
Pin function
IRQ4-A interrupt input*1
Operating
mode
7
EXPE
0
1
A20E
0
1
SSU settings
Can be used as
I/O port
Input
state
Output
state
Can be used as
I/O port
Input
state
Output
state
PA4DDR
0
1
0
0
1
0
0
1
PA4
input
PA4
output
SCS0-B
input*
2
SCS0-B
output*
3
PA4
input
PA4
output
SCS0-B
input*
2
SCS0-B
output*
3
PA4
input
A20
output
Pin function
IRQ4-A interrupt input*1
Notes: 1.
IRQ4-A input when the ITS4 bit in ITSR is 0.
2.
SCSO-B input when SCS0S1 and SCS0S0 = B'01 in PFCR5, and SSUMS, MSS,
CSS1, and CSS0 = B'00
××, B'0101, or B'0110.
3.
SCSO-B output when SCS0S1 and SCS0S0 = B'01 in PFCR5, and SSUMS, MSS,
CSS1, and CSS0 = B'011
×.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com