Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 675 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 675 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 671Page - Renesas Technology Corp H8S/2424 Datasheet HTML 672Page - Renesas Technology Corp H8S/2424 Datasheet HTML 673Page - Renesas Technology Corp H8S/2424 Datasheet HTML 674Page - Renesas Technology Corp H8S/2424 Datasheet HTML 675Page - Renesas Technology Corp H8S/2424 Datasheet HTML 676Page - Renesas Technology Corp H8S/2424 Datasheet HTML 677Page - Renesas Technology Corp H8S/2424 Datasheet HTML 678Page - Renesas Technology Corp H8S/2424 Datasheet HTML 679Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 675 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 647 of 1270
REJ09B0466-0100
10.15
Port G
Port G is a 7-bit I/O port that also has other functions. Port G has the following registers.
• Port G data direction register (PGDDR)
• Port G data register (PGDR)
• Port G register (PORTG)
• Port function control register 0 (PFCR0)
• Port function control register 4 (PFCR4)
• Port G open drain control register (PGODR)
10.15.1
Port G Data Direction Register (PGDDR)
The individual bits of PGDDR specify input or output for the pins of port G. PGDDR cannot be
read; if it is, an undefined value will be read.
Bit
Bit Name
Initial Value
R/W
Description
7
0
Reserved
6
PG6DDR
0
W
5
PG5DDR
0
W
4
PG4DDR
0
W
3
PG3DDR
0
W
2
PG2DDR
0
W
1
PG1DDR
0
W
0
PG0DDR
1/0*
W
• Modes 7 (when EXPE = 1), 1, 2, and 4
Pins PG6 to PG4 function as bus control
input/output pins (
BREQO, BACK, and BREQ)
when the appropriate bus controller settings are
made. Otherwise, these pins are I/O ports, and
their functions can be switched with PGDDR.
When the
CS output enable bits (CS3E to CS0E)
are set to 1, pins PG3 to PG0 function as
CS
output pins when the corresponding PGDDR bit is
set to 1, and as input ports when the bit is cleared
to 0. When the
CS output enable bits (CS3E to
CS0E) are cleared to 0, pins PG3 to PG0 are I/O
ports, and their functions can be switched with
PGDDR.
• Mode 7 (when EXPE = 0)
Pins PG6 to PG0 are I/O ports, and their functions
can be switched with PGDDR.
Note:
*
PG0DDR is initialized to 1 in modes 1 and 2, and to 0 in modes 4 and 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com