Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 679 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 679 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 675Page - Renesas Technology Corp H8S/2424 Datasheet HTML 676Page - Renesas Technology Corp H8S/2424 Datasheet HTML 677Page - Renesas Technology Corp H8S/2424 Datasheet HTML 678Page - Renesas Technology Corp H8S/2424 Datasheet HTML 679Page - Renesas Technology Corp H8S/2424 Datasheet HTML 680Page - Renesas Technology Corp H8S/2424 Datasheet HTML 681Page - Renesas Technology Corp H8S/2424 Datasheet HTML 682Page - Renesas Technology Corp H8S/2424 Datasheet HTML 683Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 679 / 1302 page
background image
Section 10 I/O Ports
Rev. 1.00 Sep. 19, 2008 Page 651 of 1270
REJ09B0466-0100
• PG5/BACK-A/TMS*1
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bit BRLE in BCR of the bus controller, bit BACKS in PFCR4, and bit
PG5DDR.
Operating
mode
1, 2, 4
7
EXPE
0
1
BRLE
BACKS
BRLE = 0 or
BRLE = 1 and
BACKS = 1
BRLE = 1
and
BACKS = 0
BRLE = 0 or
BRLE = 1 and
BACKS = 1
BRLE = 1
and
BACKS = 0
PG5DDR
0
1
0
1
0
1
PG5
input
PG5
output
BACK-A
output
PG5
input
PG5
output
PG5
input
PG5
output
BACK-A
output
Pin
function
TMS input*
2
Notes: 1. Supported only in the 145-pin package.
2. TMS input when BSCANE pin = 1 in the 145-pin package.
• PG4/BREQO-A/CS4*1/TCK*2
The pin function is switched as shown below according to the combination of the operating
mode, bit EXPE, bit BRLE in BCR of the bus controller, bit BREQOE, bit BREQOS in
PFCR4, and bit PG4DDR.
• Modes 1, 2, 4, and 7 (EXPE = 1)
BRLE
0
1
BREQOE
BREQOS
BREQOE = 0 or BREQOE =
1 and BREQOS = 1
BREQO = 1 and
BREQOS = 0
CS4E
0
1
0
1
PG4DDR
0
1
0
1
PG4
input
PG4
output
CS4
output*
1
PG4
input
PG4
output
CS4
output*
1
BREQO-A output
Pin function
TCK input*
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com