Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 830 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 830 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 826Page - Renesas Technology Corp H8S/2424 Datasheet HTML 827Page - Renesas Technology Corp H8S/2424 Datasheet HTML 828Page - Renesas Technology Corp H8S/2424 Datasheet HTML 829Page - Renesas Technology Corp H8S/2424 Datasheet HTML 830Page - Renesas Technology Corp H8S/2424 Datasheet HTML 831Page - Renesas Technology Corp H8S/2424 Datasheet HTML 832Page - Renesas Technology Corp H8S/2424 Datasheet HTML 833Page - Renesas Technology Corp H8S/2424 Datasheet HTML 834Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 830 / 1302 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 1.00 Sep. 19, 2008 Page 802 of 1270
REJ09B0466-0100
13.3.5
Timer Counter Control Register (TCCR)
TCCR selects the TCNT internal clock source and controls the external reset input.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
—
All 0
R
Reserved
These bits are always read as 0 and cannot be
modified.
3
TMRIS
0
R/W
Timer Reset Input Select
Selects the external reset input, in combination
with the CCLR1 and CCLR0 bits in TCR. See
table 13.2.
2
—
0
R
Reserved
This bit is always read as 0 and cannot be
modified.
1
0
ICKS1
ICKS0
0
0
R/W
R/W
Internal Clock Select 1, 0
These bits select the internal clock source, in
combination with the CKS2 to CKS0 bits in TCR.
See table 13.3.
Table 13.2
Reset Input to TCNT and Clearing Condition
TCR
TCCR
Bit 1
CCLR1
Bit 0
CCLR0
Bit 3
TMRIS
Description
0
0
0
Clearing is disabled
0
1
0
Clear by compare match A
1
0
0
Clear by compare match B
1
1
0
Clear by rising edge of external reset input
0
0
1
Clear by both rising and falling edges of external reset input
0
1
1
Clear by falling edge of external reset input
1
0
1
Clear by low level of external reset input
1
1
1
Clear by high level of external reset input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com