Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 833 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 833 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 829Page - Renesas Technology Corp H8S/2424 Datasheet HTML 830Page - Renesas Technology Corp H8S/2424 Datasheet HTML 831Page - Renesas Technology Corp H8S/2424 Datasheet HTML 832Page - Renesas Technology Corp H8S/2424 Datasheet HTML 833Page - Renesas Technology Corp H8S/2424 Datasheet HTML 834Page - Renesas Technology Corp H8S/2424 Datasheet HTML 835Page - Renesas Technology Corp H8S/2424 Datasheet HTML 836Page - Renesas Technology Corp H8S/2424 Datasheet HTML 837Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 833 / 1302 page
background image
Section 13 8-Bit Timers (TMR)
Rev. 1.00 Sep. 19, 2008 Page 805 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
5
OVF
0
R/(W)*
Timer Overflow Flag
[Setting condition]
Set when TCNT overflows from H'FF to H'00
[Clearing condition]
Cleared by reading OVF when OVF = 1, then
writing 0 to OVF
4
ADTE
0
R/W
A/D Trigger Enable
Selects enabling or disabling of A/D converter
start requests by compare match A.
0: A/D converter start requests by compare match
A are disabled
1: A/D converter start requests by compare match
A are enabled
3
2
OS3
OS2
0
0
R/W
R/W
Output Select 3 and 2
These bits select a method of TMO pin output
when compare match B of TCORB and TCNT
occurs.
00: No change when compare match B occurs
01: 0 is output when compare match B occurs
10: 1 is output when compare match B occurs
11: Output is inverted when compare match B
occurs (toggle output)
1
0
OS1
OS0
0
0
R/W
R/W
Output Select 1 and 0
These bits select a method of TMO pin output
when compare match A of TCORA and TCNT
occurs.
00: No change when compare match A occurs
01: 0 is output when compare match A occurs
10: 1 is output when compare match A occurs
11: Output is inverted when compare match A
occurs (toggle output)
Note:
Only 0 can be written to, to clear these flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com