Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 892 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 892 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 888Page - Renesas Technology Corp H8S/2424 Datasheet HTML 889Page - Renesas Technology Corp H8S/2424 Datasheet HTML 890Page - Renesas Technology Corp H8S/2424 Datasheet HTML 891Page - Renesas Technology Corp H8S/2424 Datasheet HTML 892Page - Renesas Technology Corp H8S/2424 Datasheet HTML 893Page - Renesas Technology Corp H8S/2424 Datasheet HTML 894Page - Renesas Technology Corp H8S/2424 Datasheet HTML 895Page - Renesas Technology Corp H8S/2424 Datasheet HTML 896Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 892 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 864 of 1270
REJ09B0466-0100
Table 15.6
BRR Settings for Various Bit Rates (Clocked Synchronous Mode)
Operating Frequency
φ (MHz)
8
10
16
20
25
30
33
Bit
Rate
(bit/s) n
N
n
N
n
N
n
N
n
N
n
N
n
N
110
250
3
124
3
249
500
2
249
3
124
3
233
1 k
2
124
2
249
3
97
3
116
3
128
2.5 k
1
199
1
249
2
99
2
124
2
155
2
187
2
205
5 k
1
99
1
124
1
199
1
249
2
77
2
93
2
102
10 k
0
199
0
249
1
99
1
124
1
155
1
187
1
205
25 k
0
79
0
99
0
159
0
199
0
249
1
74
1
82
50 k
0
39
0
49
0
79
0
99
0
124
0
149
0
164
100 k
0
19
0
24
0
39
0
49
0
62
0
74
0
82
250 k
0
7
0
9
0
15
0
19
0
24
0
29
0
32
500 k
0
3
0
4
0
7
0
9
0
14
1 M
0
1
0
3
0
4
2.5 M
0
0*
0
1
0
2
5 M
0
0*
Legend:
Blank: Cannot be set.
:
Can be set, but there will be a degree of error.
*:
Continuous transfer is not possible.
Table 15.7
Maximum Bit Rate with External Clock Input (Clocked Synchronous Mode)
φ (MHz)
External Input
Clock (MHz)
Maximum Bit
Rate (bit/s)
φ (MHz)
External Input
Clock (MHz)
Maximum Bit
Rate (bit/s)
8
1.3333
1333333.3
18
3.0000
3000000.0
10
1.6667
1666666.7
20
3.3333
3333333.3
12
2.0000
2000000.0
25
4.1667
4166666.7
14
2.3333
2333333.3
30
5.0000
5000000.0
16
2.6667
2666666.7
33
5.5000
5500000.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com