Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 895 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 895 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 891Page - Renesas Technology Corp H8S/2424 Datasheet HTML 892Page - Renesas Technology Corp H8S/2424 Datasheet HTML 893Page - Renesas Technology Corp H8S/2424 Datasheet HTML 894Page - Renesas Technology Corp H8S/2424 Datasheet HTML 895Page - Renesas Technology Corp H8S/2424 Datasheet HTML 896Page - Renesas Technology Corp H8S/2424 Datasheet HTML 897Page - Renesas Technology Corp H8S/2424 Datasheet HTML 898Page - Renesas Technology Corp H8S/2424 Datasheet HTML 899Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 895 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 867 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
2
IrRxINV
0
R/W
IrRx Data Invert
Specifies the logic level of the IrRxD output to be
inverted. When inversion is performed, the high
pulse width specified by bits 6 to 4 becomes the
low pulse width.
0: Transmit data is used as IrRxD output without
change
1: Transmit data is inverted before used as IrRxD
output
1, 0
All 0
Reserved
These bits are always read as 0 and cannot be
modified.
15.3.11
Serial Extension Mode Register (SEMR)
SEMR selects the clock source in asynchronous mode. The basic clock can be automatically set by
selecting the average transfer rate.
Bit
Bit Name
Initial Value
R/W
Description
7 to 4
Undefined
Reserved
If these bits are read, an undefined value will be
returned and cannot be modified.
3
ABCS
0
R/W
Asynchronous basic clock selection (valid only in
asynchronous mode)
Selects the basic clock for 1-bit period in
asynchronous mode.
0: Operates on a basic clock with a frequency of
16 times the transfer rate.
1: Operates on a basic clock with a frequency of 8
times the transfer rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com