Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 937 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 937 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 933Page - Renesas Technology Corp H8S/2424 Datasheet HTML 934Page - Renesas Technology Corp H8S/2424 Datasheet HTML 935Page - Renesas Technology Corp H8S/2424 Datasheet HTML 936Page - Renesas Technology Corp H8S/2424 Datasheet HTML 937Page - Renesas Technology Corp H8S/2424 Datasheet HTML 938Page - Renesas Technology Corp H8S/2424 Datasheet HTML 939Page - Renesas Technology Corp H8S/2424 Datasheet HTML 940Page - Renesas Technology Corp H8S/2424 Datasheet HTML 941Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 937 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 909 of 1270
REJ09B0466-0100
(1) Transmission
In transmission, the output signal (UART frame) from the SCI is converted to an IR frame by the
IrDA interface (see figure 15.34).
When the serial data is 0, a high pulse of 3/16 the bit rate (interval equivalent to the width of one
bit) is output (initial value). The high-level pulse can be varied according to the setting of bits
IrCKS2 to IrCKS0 in IrCR.
In the specification, the high pulse width is fixed at a minimum of 1.41 µs, and a maximum of
(3/16 + 2.5%)
× bit rate or (3/16 × bit rate) + 1.08 µs. When system clock φ is 20 MHz, 1.6 µs can
be set for a high pulse width with a minimum value of 1.41 µs.
When the serial data is 1, no pulse is output.
UART frame
Data
IR frame
Data
000
0
0
11
1
1
1
00
0
0
0
11
1
1
1
Start
bit
Transmit
Receive
Stop
bit
Start
bit
Stop
bit
Bit
cycle
Pulse width
1.6
µs to 3/16 bit cycle
Figure 15.34 IrDA Transmit/Receive Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com