Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 938 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 938 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 934Page - Renesas Technology Corp H8S/2424 Datasheet HTML 935Page - Renesas Technology Corp H8S/2424 Datasheet HTML 936Page - Renesas Technology Corp H8S/2424 Datasheet HTML 937Page - Renesas Technology Corp H8S/2424 Datasheet HTML 938Page - Renesas Technology Corp H8S/2424 Datasheet HTML 939Page - Renesas Technology Corp H8S/2424 Datasheet HTML 940Page - Renesas Technology Corp H8S/2424 Datasheet HTML 941Page - Renesas Technology Corp H8S/2424 Datasheet HTML 942Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 938 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 910 of 1270
REJ09B0466-0100
(2) Reception
In reception, IR frame data is converted to a UART frame by the IrDA interface, and input to the
SCI.
When a high pulse is detected, 0 data is output, and if there is no pulse during a one-bit interval, 1
data is output. Note that a pulse shorter than the minimum pulse width of 1.41 µs will be identified
as a 0 signal.
(3) High Pulse Width Selection
Table 15.12 shows possible settings for bits IrCKS2 to IrCKS0 (minimum pulse width), and
operating frequencies of this LSI and bit rates, for making the pulse width shorter than 3/16 times
the bit rate in transmission.
Table 15.12 Settings of IrCKS2 to IrCKS0 Bits
Bit Rate (bps) (Above)/Bit Period
× 3/16 (µs) (Below)
2400
9600
19200
38400
57600
115200
Operating
Frequency
φ (MHz)
78.13
19.53
9.77
4.88
3.26
1.63
8
100
100
100
100
100
100
9.8304
100
100
100
100
100
100
10
100
100
100
100
100
100
12
101
101
101
101
101
101
12.288
101
101
101
101
101
101
14
101
101
101
101
101
101
14.7456
101
101
101
101
101
101
16
101
101
101
101
101
101
16.9344
101
101
101
101
101
101
17.2032
101
101
101
101
101
101
18
101
101
101
101
101
101
19.6608
101
101
101
101
101
101
20
101
101
101
101
101
101
25
110
110
110
110
110
30
110
110
110
110
110
33
110
110
110
110
110
Legend:
: A bit rate setting cannot be made on the SCI side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com