Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1128 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1128 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1124Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1125Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1126Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1127Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1128Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1129Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1130Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1131Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1128 / 1302 page
background image
Section 23 Clock Pulse Generator
Rev. 1.00 Sep. 19, 2008 Page 1100 of 1270
REJ09B0466-0100
23.4.3
Notes on Board Design
When using the crystal resonator, place the crystal resonator and its load capacitors as close as
possible to the XTAL and EXTAL pins. Other signal lines should be routed away from the
oscillation circuit to prevent induction from interfering with correct oscillation. See figure 23.6.
CL2
Signal A Signal B
CL1
This LSI
XTAL
EXTAL
Prohibited
Figure 23.6 Note on Board Design for Oscillation Circuit
Figure 23.7 shows the external circuitry recommended for the PLL circuit. Separate PLLVcc and
PLLVss from the other Vcc and Vss lines at the board power supply source, and be sure to insert
bypass capacitors CPB and CB close to the pins.
PLLVCC
PLLVSS
VCC
VSS
CPB: 0.1 µF*
CB: 0.1 µF*
Note: * CB and CPB are laminated ceramic capacitors.
Figure 23.7 Recommended External Circuitry for PLL Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com