| Electronic Components Datasheet Search |
|
H8S/2424 Datasheet(PDF) 1130 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 1130 Page - Renesas Technology Corp |
|
1130 / 1302 page ![]() Section 24 Power-Down Modes Rev. 1.00 Sep. 19, 2008 Page 1102 of 1270 REJ09B0466-0100 Table 24.1 Operating Modes and Internal states of the LSI Operating State High Speed Mode Clock Division Mode Sleep Mode Module Stop Function All Module Clocks Stop Mode Software Standby Mode Hardware Standby Mode Clock pulse generator Operating Operating Operating Operating Operating Stopped Stopped Instruction execution Stopped Stopped Stopped CPU Register Operating Operating Retained Operating Stopped Retained Undefined NMI External interrupts IRQ0 to 15 * 1 Operating Operating Operating Operating Operating Operating Stopped Peripheral functions WDT Operating Operating Operating Operating Operating Stopped (Retained) Stopped (Reset) TMR Operating Operating Operating Stopped (Retained) Operating/ Stopped (Retained) * 2 Stopped (Retained) Stopped (Reset) EXDMAC * 3 Operating Operating Operating Stopped (Retained) Stopped (Retained) Stopped (Retained) Stopped (Reset) DMAC Operating Operating Operating Stopped (Retained) Stopped (Retained) Stopped (Retained) Stopped (Reset) DTC Operating Operating Operating Stopped (Retained) Stopped (Retained) Stopped (Retained) Stopped (Reset) TPU Operating Operating Operating Stopped (Retained) Stopped (Retained) Stopped (Retained) Stopped (Reset) PPG Operating Operating Operating Stopped (Retained) Stopped (Retained) Stopped (Retained) Stopped (Reset) D/A Operating Operating Operating Stopped (Retained) Stopped (Retained) Stopped (Retained) Stopped (Reset) A/D Operating Operating Operating Stopped (Retained) Stopped (Retained) Stopped (Retained) Stopped (Reset) SCI Operating Operating Operating Stopped * 4 (Reset/ retained) Stopped * 4 (Reset/ retained) Stopped * 4 (Reset/ retained) Stopped (Reset) IIC2 Operating Operating Operating Stopped * 4 *5 (Reset/ retained) Stopped * 4 *5 (Reset/ retained) Stopped * 4 *5 (Reset/ retained) Stopped (Reset) SSU Operating Operating Operating Stopped (Reset) Stopped (Reset) Stopped (Reset) Stopped (Reset) RAM Operating Operating Operating Stopped (Retained) Operating Retained Retained I/O Operating Operating Operating Operating Retained Retained High impedance |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |