Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1139 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1139 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1135Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1136Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1137Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1138Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1139Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1140Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1141Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1142Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1139 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1111 of 1270
REJ09B0466-0100
24.2.2
Sleep Mode
(1) Transition to Sleep Mode
When the SLEEP instruction is executed while the SSBY bit is 0 in SBYCR, the CPU enters the
sleep mode. In sleep mode, CPU operation stops but the contents of the CPU’s internal registers
are retained. Other peripheral functions do not stop.
(2) Exiting Sleep Mode
Sleep mode is exited by any interrupt, or signals at the
RES, or STBY pins.
• Exiting Sleep Mode by Interrupts:
When an interrupt occurs, sleep mode is exited and interrupt exception processing starts. Sleep
mode is not exited if the interrupt is disabled, or interrupts other than NMI are masked by the
CPU.
• Exiting Sleep Mode by RES Pin:
Setting the
RES pin level low selects the reset state. After the stipulated reset input duration,
driving the
RES pin high starts the CPU performing reset exception processing.
• Exiting Sleep Mode by STBY Pin:
When the
STBY pin level is driven low, a transition is made to hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com