Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 1140 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 1140 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1136Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1137Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1138Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1139Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1140Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1141Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1142Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1143Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1140 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1112 of 1270
REJ09B0466-0100
24.2.3
Software Standby Mode
(1) Transition to Software Standby Mode
If a SLEEP instruction is executed when the SSBY bit in SBYCR is set to 1, software standby
mode is entered. In this mode, the CPU, on-chip peripheral functions, and oscillator all stop.
However, the contents of the CPU’s internal registers, RAM data, and the states of on-chip
peripheral functions other than the SCI, IIC, and SSU, and the states of I/O ports, are retained.
Whether the address bus and bus control signals are placed in the high-impedance state or retain
the output state can be specified by the OPE bit in SBYCR.
In this mode the oscillator stops, and therefore power dissipation is significantly reduced.
(2) Clearing Software Standby Mode
Software standby mode is cleared by an external interrupt (NMI pin, or pins
IRQ0 to IRQ15*), or
by means of the
RES pin or STBY pin. Setting the SSI bit in SSIER to 1 enables IRQ0 to IRQ15*
to be used as software standby mode clearing sources.
• Clearing with an Interrupt:
When an NMI or
IRQ0 to IRQ15* interrupt request signal is input, clock oscillation starts, and
stable clocks are supplied to the entire LSI after the elapse of the time set in bits STS3 to STS0
in SBYCR. Then, software standby mode is cleared, and interrupt exception handling is
started.
When clearing software standby mode with an
IRQ0 to IRQ15* interrupt, set the
corresponding enable bit to 1 and ensure that no interrupt with a higher priority than interrupts
IRQ0 to IRQ15* is generated. Software standby mode cannot be cleared if the interrupt has
been masked on the CPU side or has been designated as a DTC activation source.
Note: *
IRQ8 to IRQ15 are not supported by the H8S/2424 group.
• Clearing with the RES Pin:
When the
RES pin is driven low, clock oscillation is started. At the same time as clock
oscillation starts, clocks are supplied to the entire LSI. Note that the
RES pin must be held low
until clock oscillation stabilizes. When the
RES pin goes high, the CPU begins reset exception
handling.
• Clearing with the STBY Pin:
When the
STBY pin is driven low, a transition is made to hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com