Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 112Page - Renesas Technology Corp H8S/2424 Datasheet HTML 113Page - Renesas Technology Corp H8S/2424 Datasheet HTML 114Page - Renesas Technology Corp H8S/2424 Datasheet HTML 115Page - Renesas Technology Corp H8S/2424 Datasheet HTML 116Page - Renesas Technology Corp H8S/2424 Datasheet HTML 117Page - Renesas Technology Corp H8S/2424 Datasheet HTML 118Page - Renesas Technology Corp H8S/2424 Datasheet HTML 119Page - Renesas Technology Corp H8S/2424 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 1302 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Sep. 19, 2008 Page 88 of 1270
REJ09B0466-0100
H'000000
H'FFFA00
On-chip ROM
On-chip RAM/
External address space*3
H'FFFFFF
H'FFFF00
H'FFFF20
H'020000
H'FF0000
H'FFC000
H'FFC800
H'FE8000
H'F02000
H'F00000
H'000000
H'FFFA00
On-chip ROM
H'FFFFFF
H'FFFF00
H'FFFF20
H'020000
External address space
H'FF0000
H'FFC000
H'FFC800
H'FE8000
H'F02000
H'F00000
External address space
Internal I/O registers
External address space
Internal I/O registers
External address space/
Reserved area*2*4
Reserved area*4
External address space/
Reserved area*2*4
External address
space
External address space/
Reserved area*2*4
External address space/
Reserved area*2*4
Internal I/O registers
Internal I/O registers
Reserved area*4
Reserved area*4
Notes: 1. This area is specified as the external address space by clearing the RAME bit in SYSCR to 0.
2. This area is specified as the external address space when EXPE = 1 and the reserved area when EXPE = 0.
3. While EXPE = 1, this area is specified as the external address space when RAME = 0 and the on-chip RAM area
when RAME = 1. While EXPE = 0, this area is specified as the on-chip RAM area.
4. A reserved area should not be accessed.
Reserved area*4
ROM: 128 Kbytes
RAM: 48 Kbytes
Mode 4
(Expanded mode with
on-chip ROM enabled)
ROM: 128 Kbytes
RAM: 48 Kbytes
Mode 7
(Single-chip activation expanded mode
with on-chip ROM enabled)
Reserved area*4
Reserved area*4
H'080000
H'080000
Data flash area 8 Kbytes*5
On-chip RAM/
External address space*1
Reserved area*4
5. Data flash is in planning.
Figure 3.4 Memory Map in Each Operating Mode (ROM: 128-Kbyte Version):
H8S/24265, H8S/24265R, and H8S/24245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com