Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 113Page - Renesas Technology Corp H8S/2424 Datasheet HTML 114Page - Renesas Technology Corp H8S/2424 Datasheet HTML 115Page - Renesas Technology Corp H8S/2424 Datasheet HTML 116Page - Renesas Technology Corp H8S/2424 Datasheet HTML 117Page - Renesas Technology Corp H8S/2424 Datasheet HTML 118Page - Renesas Technology Corp H8S/2424 Datasheet HTML 119Page - Renesas Technology Corp H8S/2424 Datasheet HTML 120Page - Renesas Technology Corp H8S/2424 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 1302 page
background image
Section 3 MCU Operating Modes
Rev. 1.00 Sep. 19, 2008 Page 89 of 1270
REJ09B0466-0100
H'000000
H'FEC000
H'FFC000
H'FFC800
External address space
Internal I/O registers
External address space
Internal I/O registers
H'FFFFFF
H'FFFA00
H'FFFF00
H'FFFF20
H'FE8000
RAM: 64 Kbytes*4 /48 Kbytes
Modes 1 and 2
(Expanded mode with
on-chip ROM disabled)
External address
space
Reserved area*2
Notes: 1. This area is specified as the external address space by clearing the RAME bit in SYSCR to 0.
2. A reserved area should not be accessed.
Reserved area*2
H'FF0000
On-chip RAM/External address space*1*3
3. Area from H'FEC000 to H'FEFFFF in the H8S/24261, H8S/24261R, and H8S/24241 Groups is
reserved and should not be accessed.
4. 64-Kbyte version (H8S/24262, H8S/24262R, and H8S/24242) is in planning.
On-chip RAM/External address space/
Reserved area*1*3
Figure 3.5 Memory Map in Each Operating Mode (ROM-Less Version):
H8S/24262, H8S/24262R, H8S/24261, H8S/24261R, H8S/24242, and H8S/24241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com