Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 173Page - Renesas Technology Corp H8S/2424 Datasheet HTML 174Page - Renesas Technology Corp H8S/2424 Datasheet HTML 175Page - Renesas Technology Corp H8S/2424 Datasheet HTML 176Page - Renesas Technology Corp H8S/2424 Datasheet HTML 177Page - Renesas Technology Corp H8S/2424 Datasheet HTML 178Page - Renesas Technology Corp H8S/2424 Datasheet HTML 179Page - Renesas Technology Corp H8S/2424 Datasheet HTML 180Page - Renesas Technology Corp H8S/2424 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 149 of 1270
REJ09B0466-0100
Name
Symbol
I/O
Function
Chip select 4/
row address strobe 4/
write enable*
1
CS4/
RAS4/
WE*1
Output
Strobe signal indicating that area 4 is
selected, DRAM row address strobe signal
when area 4 is DRAM space, or write
enable signal of the synchronous DRAM
when the synchronous DRAM interface is
selected.
Chip select 5/
row address strobe 5/
SDRAM
φ*1
CS5/
RAS5/
SDRAM
φ*1
Output
Strobe signal indicating that area 5 is
selected, DRAM row address strobe signal
when area 5 is DRAM space, or dedicated
clock signal for the synchronous DRAM
when the synchronous DRAM interface is
selected.
Chip select 6
CS6
Output
Strobe signal indicating that area 6 is
selected.
Chip select 7
CS7
Output
Strobe signal indicating that area 7 is
selected.
Upper column address strobe/
upper data mask enable*
1
UCAS/
DQMU*
1
Output
16-bit DRAM space upper column address
strobe signal, 8-bit DRAM space column
address strobe signal, upper data mask
signal of 16-bit synchronous DRAM space,
or data mask signal of 8-bit synchronous
DRAM space.
Lower column address strobe/
lower data mask enable*
1
LCAS/
DQML*
1
Output
16-bit DRAM space lower column address
strobe signal or lower data mask signal for
the 16-bit synchronous DRAM space.
Output enable/clock enable
OE/
CKE*
1
Output
Output enable signal for the DRAM space
or clock enable signal for the synchronous
DRAM space.
Wait
WAIT
Input
Wait request signal when accessing
external address space.
Bus request
BREQ
Input
Request signal for release of bus to
external bus master.
Bus request acknowledge
BACK
Output
Acknowledge signal indicating that bus has
been released to external bus master.
Bus request output
BREQO
Output
External bus request signal used when
internal bus master accesses external
address space when external bus is
released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com