| Electronic Components Datasheet Search |
|
H8S/2424 Datasheet(PDF) 180 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 180 Page - Renesas Technology Corp |
|
180 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 152 of 1270 REJ09B0466-0100 6.3.1 Bus Width Control Register (ABWCR) ABWCR designates each area in the external address space as either 8-bit access space or 16-bit access space. Bit Bit Name Initial Value* R/W Description 7 6 5 4 3 2 1 0 ABW7 ABW6 ABW5 ABW4 ABW3 ABW2 ABW1 ABW0 1/0 1/0 1/0 1/0 1/0 1/0 1/0 1/0 R/W R/W R/W R/W R/W R/W R/W R/W Area 7 to 0 Bus Width Control These bits select whether the corresponding area is to be designated as 8-bit access space or 16-bit access space. 0: Area n is designated as 16-bit access space 1: Area n is designated as 8-bit access space (n = 7 to 0) Note: * In modes 2 and 4, ABWCR is initialized to 1. In modes 1 and 7, ABWCR is initialized to 0. 6.3.2 Access State Control Register (ASTCR) ASTCR designates each area in the external address space as either 2-state access space or 3-state access space. Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 AST7 AST6 AST5 AST4 AST3 AST2 AST1 AST0 1 1 1 1 1 1 1 1 R/W R/W R/W R/W R/W R/W R/W R/W Area 7 to 0 Access State Control These bits select whether the corresponding area is to be designated as 2-state access space or 3-state access space. Wait state insertion is enabled or disabled at the same time. 0: Area n is designated as 2-state access space Wait state insertion in area n access is disabled 1: Area n is designated as 3-state access space Wait state insertion in area n access is enabled (n = 7 to 0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |