| Electronic Components Datasheet Search |
|
H8S/2424 Datasheet(PDF) 189 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 189 Page - Renesas Technology Corp |
|
189 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 161 of 1270 REJ09B0466-0100 6.3.5 CS Assertion Period Control Registers H, L (CSACRH, CSACRL) CSACRH and CSACRL select whether or not the assertion period of the basic bus interface chip select signals ( CSn) and address signals is to be extended. Extending the assertion period of the CSn and address signals allows flexible interfacing to external I/O devices. • CSACRH Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 CSXH7 CSXH6 CSXH5 CSXH4 CSXH3 CSXH2 CSXH1 CSXH0 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W CS and Address Signal Assertion Period Control 1 These bits specify whether or not the T h cycle is to be inserted (see figure 6.3). When an area for which the CSXHn bit is set to 1 is accessed, a one-state T h cycle, in which only the CSn and address signals are asserted, is inserted before the normal access cycle. 0: In area n basic bus interface access, the CSn and address assertion period (T h) is not extended 1: In area n basic bus interface access, the CSn and address assertion period (T h) is extended (n = 7 to 0) • CSACRL Bit Bit Name Initial Value R/W Description 7 6 5 4 3 2 1 0 CSXT7 CSXT6 CSXT5 CSXT4 CSXT3 CSXT2 CSXT1 CSXT0 0 0 0 0 0 0 0 0 R/W R/W R/W R/W R/W R/W R/W R/W CS and Address Signal Assertion Period Control 2 These bits specify whether or not the T t cycle shown in figure 6.3 is to be inserted. When an area for which the CSXTn bit is set to 1 is accessed, a one-state T t cycle, in which only the CSn and address signals are asserted, is inserted after the normal access cycle. 0: In area n basic bus interface access, the CSn and address assertion period (T t) is not extended 1: In area n basic bus interface access, the CSn and address assertion period (T t) is extended (n = 7 to 0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |