Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 188Page - Renesas Technology Corp H8S/2424 Datasheet HTML 189Page - Renesas Technology Corp H8S/2424 Datasheet HTML 190Page - Renesas Technology Corp H8S/2424 Datasheet HTML 191Page - Renesas Technology Corp H8S/2424 Datasheet HTML 192Page - Renesas Technology Corp H8S/2424 Datasheet HTML 193Page - Renesas Technology Corp H8S/2424 Datasheet HTML 194Page - Renesas Technology Corp H8S/2424 Datasheet HTML 195Page - Renesas Technology Corp H8S/2424 Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 164 of 1270
REJ09B0466-0100
6.3.7
Bus Control Register (BCR)
BCR is used for idle cycle settings, selection of the external bus released state protocol, enabling
or disabling of the write data buffer function, and enabling or disabling of
WAIT pin input.
Bit
Bit Name
Initial Value
R/W
Description
15
BRLE
0
R/W
External Bus Release Enable
Enables or disables external bus release.
0: External bus release disabled
BREQ, BACK, and BREQO pins can be used
as I/O ports
1: External bus release enabled
14
BREQOE
0
R/W
BREQO Pin Enable
Controls outputting the bus request signal
(BREQO) to the external bus master in the
external bus released state, when an internal bus
master performs an external address space
access, or when a refresh request is generated.
0:
BREQO output disabled
BREQO pin can be used as I/O port
1:
BREQO output enabled
13
—
0
R/W
Reserved
This bit can be read from or written to. However,
the write value should always be 0.
12
IDLC
1
R/W
Idle Cycle State Number Select
Specifies the number of states in the idle cycle set
by ICIS2, ICIS1, and ICIS0.
0: Idle cycle comprises 1 state
1: Idle cycle comprises 2 states
11
ICIS1
1
R/W
Idle Cycle Insert 1
When consecutive external read cycles are
executed in different areas, an idle cycle can be
inserted between the bus cycles.
0: Idle cycle not inserted
1: Idle cycle inserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com