Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 240Page - Renesas Technology Corp H8S/2424 Datasheet HTML 241Page - Renesas Technology Corp H8S/2424 Datasheet HTML 242Page - Renesas Technology Corp H8S/2424 Datasheet HTML 243Page - Renesas Technology Corp H8S/2424 Datasheet HTML 244Page - Renesas Technology Corp H8S/2424 Datasheet HTML 245Page - Renesas Technology Corp H8S/2424 Datasheet HTML 246Page - Renesas Technology Corp H8S/2424 Datasheet HTML 247Page - Renesas Technology Corp H8S/2424 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 216 of 1270
REJ09B0466-0100
6.7
DRAM Interface
In this LSI, external space areas 2 to 5 can be designated as DRAM space, and DRAM interfacing
performed. The DRAM interface allows DRAM to be directly connected to this LSI. A DRAM
space of 2, 4, or 8 Mbytes can be set by means of bits RMTS2 to RMTS0 in DRAMCR. Burst
operation is also possible, using fast page mode.
6.7.1
Setting DRAM Space
Areas 2 to 5 are designated as DRAM space by setting bits RMTS2 to RMTS0 in DRAMCR. The
relation between the settings of bits RMTS2 to RMTS0 and DRAM space is shown in table 6.5.
Possible DRAM space settings are: one area (area 2), two areas (areas 2 and 3), four areas (areas 2
to 5), and continuous area (areas 2 to 5).
Table 6.5
Relation between Settings of Bits RMTS2 to RMTS0 and DRAM Space
RMTS2
RMTS1
RMTS0
Area 5
Area 4
Area 3
Area 2
0
1
Normal space
Normal space
Normal space
DRAM space
0
Normal space
Normal space
DRAM space
DRAM space
0
1
1
DRAM space
DRAM space
DRAM space
DRAM space
0
Continuous synchronous DRAM space*
0
1
Mode register settings of synchronous DRAM*
0
Reserved (setting prohibited)
1
1
1
Continuous
DRAM space
Continuous
DRAM space
Continuous
DRAM space
Continuous
DRAM space
Note:
*
Reserved (setting prohibited) in the H8S/2426 Group and H8S/2424 Group.
With continuous DRAM space,
RAS2 is valid. The bus specifications (bus width, number of wait
states, etc.) for continuous DRAM space conform to the settings for area 2.
6.7.2
Address Multiplexing
With DRAM space, the row address and column address are multiplexed. In address multiplexing,
the size of the shift of the row address is selected with bits MXC2 to MXC0 in DRAMCR. Table
6.6 shows the relation between the settings of MXC2 to MXC0 and the shift size.
The MXC2 bit should be cleared to 0 when the DRAM interface is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com