| Electronic Components Datasheet Search |
|
H8S/2424 Datasheet(PDF) 246 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 Datasheet(HTML) 246 Page - Renesas Technology Corp |
|
246 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 218 of 1270 REJ09B0466-0100 6.7.4 Pins Used for DRAM Interface Table 6.7 shows the pins used for DRAM interfacing and their functions. Since the CS2 to CS5 pins are in the input state after a reset, set the corresponding DDR to 1 when RAS2 to RAS5 signals are output. Table 6.7 DRAM Interface Pins Pin With DRAM Setting Name I/O Function HWR WE Write enable Output Write enable for DRAM space access CS2 RAS2/RAS Row address strobe 2/ row address strobe Output Row address strobe when area 2 is designated as DRAM space or row address strobe when areas 2 to 5 are designated as continuous DRAM space CS3 RAS3 Row address strobe 3 Output Row address strobe when area 3 is designated as DRAM space CS4 RAS4 Row address strobe 4 Output Row address strobe when area 4 is designated as DRAM space CS5 RAS5 Row address strobe 5 Output Row address strobe when area 5 is designated as DRAM space UCAS UCAS Upper column address strobe Output Upper column address strobe for 16-bit DRAM space access or column address strobe for 8-bit DRAM space access LCAS LCAS Lower column address strobe Output Lower column address strobe signal for 16-bit DRAM space access RD, OE OE Output enable Output Output enable signal for DRAM space access WAIT WAIT Wait Input Wait request signal A15 to A0 A15 to A0 Address pins Output Row address/column address multiplexed output D15 to D0 D15 to D0 Data pins I/O Data input/output pins |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |