Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 258Page - Renesas Technology Corp H8S/2424 Datasheet HTML 259Page - Renesas Technology Corp H8S/2424 Datasheet HTML 260Page - Renesas Technology Corp H8S/2424 Datasheet HTML 261Page - Renesas Technology Corp H8S/2424 Datasheet HTML 262Page - Renesas Technology Corp H8S/2424 Datasheet HTML 263Page - Renesas Technology Corp H8S/2424 Datasheet HTML 264Page - Renesas Technology Corp H8S/2424 Datasheet HTML 265Page - Renesas Technology Corp H8S/2424 Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 234 of 1270
REJ09B0466-0100
6.7.12
Refresh Control
This LSI is provided with a DRAM refresh control function. CAS-before-RAS (CBR) refreshing
is used. In addition, self-refreshing can be executed when the chip enters the software standby
state.
Refresh control is enabled when any area is designated as DRAM space in accordance with the
setting of bits RMTS2 to RMTS0 in DRAMCR.
(1) CAS-before-RAS (CBR) Refreshing
To select CBR refreshing, set the RFSHE bit to 1 in REFCR.
With CBR refreshing, RTCNT counts up using the input clock selected by bits RTCK2 to RTCK0
in REFCR, and when the count matches the value set in RTCOR (compare match), refresh control
is performed. At the same time, RTCNT is reset and starts counting up again from H'00.
Refreshing is thus repeated at fixed intervals determined by RTCOR and bits RTCK2 to RTCK0.
Set a value in RTCOR and bits RTCK2 to RTCK0 that will meet the refreshing interval
specification for the DRAM used.
When bits RTCK2 to RTCK0 in REFCR are set, RTCNT starts counting up. RTCNT and RTCOR
settings should therefore be completed before setting bits RTCK2 to RTCK0. RTCNT operation is
shown in figure 6.46, compare match timing in figure 6.47, and CBR refresh timing in figure 6.48.
When the CBRM bit in REFCR is cleared to 0, access to external space other than DRAM space is
performed in parallel during the CBR refresh period.
RTCOR
H'00
Refresh request
RTCNT
Figure 6.46 RTCNT Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com