Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 262Page - Renesas Technology Corp H8S/2424 Datasheet HTML 263Page - Renesas Technology Corp H8S/2424 Datasheet HTML 264Page - Renesas Technology Corp H8S/2424 Datasheet HTML 265Page - Renesas Technology Corp H8S/2424 Datasheet HTML 266Page - Renesas Technology Corp H8S/2424 Datasheet HTML 267Page - Renesas Technology Corp H8S/2424 Datasheet HTML 268Page - Renesas Technology Corp H8S/2424 Datasheet HTML 269Page - Renesas Technology Corp H8S/2424 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 238 of 1270
REJ09B0466-0100
(2) Self-Refreshing
A self-refresh mode (battery backup mode) is provided for DRAM as a kind of standby mode. In
this mode, refresh timing and refresh addresses are generated within the DRAM.
To select self-refreshing, set the RFSHE bit and SLFRF bit to 1 in REFCR. When a SLEEP
instruction is executed to enter software standby mode, the
CAS and RAS signals are output and
DRAM enters self-refresh mode, as shown in figure 6.51.
When software standby mode is exited, the SLFRF bit is cleared to 0 and self-refresh mode is
exited automatically. If a CBR refresh request occurs when making a transition to software
standby mode, CBR refreshing is executed, and then self-refresh mode is entered.
When using self-refresh mode, the OPE bit must not be cleared to 0 in the SBYCR register.
TRp
TRr
UCAS, LCAS
Software
standby
TRc3
HWR (WE)
CSn (RASn)
φ
Note: n = 2 to 5
High
Figure 6.51 Self-Refresh Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com