Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 305 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 305 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 301Page - Renesas Technology Corp H8S/2424 Datasheet HTML 302Page - Renesas Technology Corp H8S/2424 Datasheet HTML 303Page - Renesas Technology Corp H8S/2424 Datasheet HTML 304Page - Renesas Technology Corp H8S/2424 Datasheet HTML 305Page - Renesas Technology Corp H8S/2424 Datasheet HTML 306Page - Renesas Technology Corp H8S/2424 Datasheet HTML 307Page - Renesas Technology Corp H8S/2424 Datasheet HTML 308Page - Renesas Technology Corp H8S/2424 Datasheet HTML 309Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 277 of 1270
REJ09B0466-0100
6.10
Idle Cycle
6.10.1
Operation
When this LSI accesses external address space, it can insert an idle cycle (T
i) between bus cycles
in the following three cases: (1) when read accesses in different areas occur consecutively, (2)
when a write cycle occurs immediately after a read cycle, and (3) when a read cycle occurs
immediately after a write cycle. Insertion of a 1-state or 2-state idle cycle can be selected with the
IDLC bit in BCR. By inserting an idle cycle it is possible, for example, to avoid data collisions
between ROM, etc., with a long output floating time, and high-speed memory, I/O interfaces, and
so on.
(1) Consecutive Reads in Different Areas
If consecutive reads in different areas occur while the ICIS1 bit is set to 1 in BCR, an idle cycle is
inserted at the start of the second read cycle.
Figure 6.77 shows an example of the operation in this case. In this example, bus cycle A is a read
cycle for ROM with a long output floating time, and bus cycle B is a read cycle for SRAM, each
being located in a different area. In (a), an idle cycle is not inserted, and a collision occurs in bus
cycle B between the read data from ROM and that from SRAM. In (b), an idle cycle is inserted,
and a data collision is prevented.
T1
Address bus
φ
RD
Bus cycle A
Data bus
T2
T3
T1
T2
Bus cycle B
Long output floating time
Data collision
(a) No idle cycle insertion
(ICIS1 = 0)
T1
Address bus
φ
RD
Bus cycle A
Data bus
T2
T3
Ti
T1
Bus cycle B
(b) Idle cycle insertion
(ICIS1 = 1, initial value)
T2
CS (area A)
CS (area B)
CS (area A)
CS (area B)
Idle cycle
Figure 6.77 Example of Idle Cycle Operation
(Consecutive Reads in Different Areas)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com