Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2424 Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # H8S/2424
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 302Page - Renesas Technology Corp H8S/2424 Datasheet HTML 303Page - Renesas Technology Corp H8S/2424 Datasheet HTML 304Page - Renesas Technology Corp H8S/2424 Datasheet HTML 305Page - Renesas Technology Corp H8S/2424 Datasheet HTML 306Page - Renesas Technology Corp H8S/2424 Datasheet HTML 307Page - Renesas Technology Corp H8S/2424 Datasheet HTML 308Page - Renesas Technology Corp H8S/2424 Datasheet HTML 309Page - Renesas Technology Corp H8S/2424 Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 278 of 1270
REJ09B0466-0100
(2) Write after Read
If an external write occurs after an external read while the ICIS0 bit is set to 1 in BCR, an idle
cycle is inserted at the start of the write cycle.
Figure 6.78 shows an example of the operation in this case. In this example, bus cycle A is a read
cycle for ROM with a long output floating time, and bus cycle B is a CPU write cycle. In (a), an
idle cycle is not inserted, and a collision occurs in bus cycle B between the read data from ROM
and the CPU write data. In (b), an idle cycle is inserted, and a data collision is prevented.
T1
Address bus
φ
RD
Bus cycle A
Data bus
T2
T3
T1
T2
Bus cycle B
Long output floating time
Data collision
(a) No idle cycle insertion
(ICIS0 = 0)
T1
Address bus
φ
RD
Bus cycle A
Data bus
T2
T3
T1
Bus cycle B
(b) Idle cycle insertion
(ICIS0 = 1, initial value)
T2
HWR
HWR
CS (area A)
CS (area B)
CS (area A)
CS (area B)
Idle cycle
Ti
Figure 6.78 Example of Idle Cycle Operation (Write after Read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com