Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 403 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 403 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 399Page - Renesas Technology Corp H8/3021 Datasheet HTML 400Page - Renesas Technology Corp H8/3021 Datasheet HTML 401Page - Renesas Technology Corp H8/3021 Datasheet HTML 402Page - Renesas Technology Corp H8/3021 Datasheet HTML 403Page - Renesas Technology Corp H8/3021 Datasheet HTML 404Page - Renesas Technology Corp H8/3021 Datasheet HTML 405Page - Renesas Technology Corp H8/3021 Datasheet HTML 406Page - Renesas Technology Corp H8/3021 Datasheet HTML 407Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 379 of 684
REJ09B0352-0200
Transmitting and Receiving Data
SCI Initialization (Synchronous Mode): Before transmitting or receiving, clear the TE and RE
bits to 0 in SCR, then initialize the SCI as follows.
When changing the communication mode or format, always clear the TE and RE bits to 0 before
following the procedure given below. Clearing the TE bit to 0 sets the TDRE flag to 1 and
initializes TSR. Clearing the RE bit to 0, however, does not initialize the RDRF, PER, FER, and
ORE flags and RDR, which retain their previous contents.
Figure 11.15 shows a sample flowchart for initializing the SCI.
Clear TE and RE
bits to 0 in SCR
1 bit interval
elapsed?
Start transmitting or receiving
No
Yes
1.
2.
3.
4.
Select the clock source in SCR. Clear the RIE, TIE, TEIE,
MPIE, TE, and RE bits to 0.
Select the communication format in SMR.
Write the value corresponding to the bit rate in BRR.
This step is not necessary when an external clock is used.
Note: In simultaneous transmitting and receiving, the TE and RE
bits should be cleared to 0 or set to 1 simultaneously.
1
2
Set CKE1 and CKE0 bits in
SCR (leaving TE and RE
bits cleared to 0)
3
Set TE or RE to 1 in SCR
Set RIE, TIE, and TEIE
bits as necessary
4
Wait
Wait for at least the interval required to transmit or receive
one bit, then set the TE or RE bit to 1 in SCR. Also set
the RIE, TIE, and TEIE bits as necessary.
Setting the TE or RE bit enables the SCI to use the
TxD or RxD pin.
Start of initialization
Set value in BRR
Select communication
format in SMR
Figure 11.15 Sample Flowchart for SCI Initialization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com