Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 405 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 405 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 401Page - Renesas Technology Corp H8/3021 Datasheet HTML 402Page - Renesas Technology Corp H8/3021 Datasheet HTML 403Page - Renesas Technology Corp H8/3021 Datasheet HTML 404Page - Renesas Technology Corp H8/3021 Datasheet HTML 405Page - Renesas Technology Corp H8/3021 Datasheet HTML 406Page - Renesas Technology Corp H8/3021 Datasheet HTML 407Page - Renesas Technology Corp H8/3021 Datasheet HTML 408Page - Renesas Technology Corp H8/3021 Datasheet HTML 409Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 381 of 684
REJ09B0352-0200
In transmitting serial data, the SCI operates as follows.
• The SCI monitors the TDRE flag in SSR. When the TDRE flag is cleared to 0 the SCI
recognizes that TDR contains new data, and loads this data from TDR into TSR.
• After loading the data from TDR into TSR, the SCI sets the TDRE flag to 1 and starts
transmitting. If the TIE bit is set to 1 in SCR, the SCI requests a transmit-data-empty interrupt
(TXI) at this time.
If clock output is selected, the SCI outputs eight serial clock pulses. If an external clock source
is selected, the SCI outputs data in synchronization with the input clock. Data is output from
the TxD pin in order from LSB (bit 0) to MSB (bit 7).
• The SCI checks the TDRE flag when it outputs the MSB (bit 7). If the TDRE flag is 0, the SCI
loads data from TDR into TSR and begins serial transmission of the next frame. If the TDRE
flag is 1, the SCI sets the TEND flag to 1 in SSR, and after transmitting the MSB, holds the
TxD pin in the MSB state. If the TEIE bit in SCR is set to 1, a transmit-end interrupt (TEI) is
requested at this time.
• After the end of serial transmission, the SCK pin is held in a constant state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com