Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 408 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 408 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 404Page - Renesas Technology Corp H8/3021 Datasheet HTML 405Page - Renesas Technology Corp H8/3021 Datasheet HTML 406Page - Renesas Technology Corp H8/3021 Datasheet HTML 407Page - Renesas Technology Corp H8/3021 Datasheet HTML 408Page - Renesas Technology Corp H8/3021 Datasheet HTML 409Page - Renesas Technology Corp H8/3021 Datasheet HTML 410Page - Renesas Technology Corp H8/3021 Datasheet HTML 411Page - Renesas Technology Corp H8/3021 Datasheet HTML 412Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 384 of 684
REJ09B0352-0200
3
End
Error handling
Overrun error handling
Clear ORER flag to 0 in SSR
Figure 11.18 Sample Flowchart for Serial Receiving (2)
In receiving, the SCI operates as follows.
• The SCI synchronizes with serial clock input or output and initializes internally.
• Receive data is stored in RSR in order from LSB to MSB.
After receiving the data, the SCI checks that the RDRF flag is 0 so that receive data can be
transferred from RSR to RDR. If this check passes, the RDRF flag is set to 1 and the received
data is stored in RDR. If the check does not pass (receive error), the SCI operates as indicated
in table 11.11. If any receive error is detected, the subsequent data transmission/reception is
disabled.
• After setting the RDRF flag to 1, if the RIE bit is set to 1 in SCR, the SCI requests a receive-
data-full interrupt (RXI). If the ORER flag is set to 1 and the RIE bit in SCR is also set to 1,
the SCI requests a receive-error interrupt (ERI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com