Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 411 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 407Page - Renesas Technology Corp H8/3021 Datasheet HTML 408Page - Renesas Technology Corp H8/3021 Datasheet HTML 409Page - Renesas Technology Corp H8/3021 Datasheet HTML 410Page - Renesas Technology Corp H8/3021 Datasheet HTML 411Page - Renesas Technology Corp H8/3021 Datasheet HTML 412Page - Renesas Technology Corp H8/3021 Datasheet HTML 413Page - Renesas Technology Corp H8/3021 Datasheet HTML 414Page - Renesas Technology Corp H8/3021 Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 387 of 684
REJ09B0352-0200
11.4
SCI Interrupts
The SCI has four interrupt request sources: TEI (transmit-end interrupt), ERI (receive-error
interrupt), RXI (receive-data-full interrupt), and TXI (transmit-data-empty interrupt). Table 11.12
lists the interrupt sources and indicates their priority. These interrupts can be enabled and disabled
by the TIE, RIE, and TEIE bits in SCR. Each interrupt request is sent separately to the interrupt
controller.
The TXI interrupt is requested when the TDRE flag is set to 1 in SSR. The TEI interrupt is
requested when the TEND flag is set to 1 in SSR.
The RXI interrupt is requested when the RDRF flag is set to 1 in SSR. The ERI interrupt is
requested when the ORER, PER, or FER flag is set to 1 in SSR.
Table 11.12 SCI Interrupt Sources
Interrupt
Description
Priority
ERI
Receive error (ORER, FER, or PER)
High
RXI
Receive data register full (RDRF)
TXI
Transmit data register empty (TDRE)
TEI
Transmit end (TEND)
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com