Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 414 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 414 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 410Page - Renesas Technology Corp H8/3021 Datasheet HTML 411Page - Renesas Technology Corp H8/3021 Datasheet HTML 412Page - Renesas Technology Corp H8/3021 Datasheet HTML 413Page - Renesas Technology Corp H8/3021 Datasheet HTML 414Page - Renesas Technology Corp H8/3021 Datasheet HTML 415Page - Renesas Technology Corp H8/3021 Datasheet HTML 416Page - Renesas Technology Corp H8/3021 Datasheet HTML 417Page - Renesas Technology Corp H8/3021 Datasheet HTML 418Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 390 of 684
REJ09B0352-0200
Internal
base clock
Receive data
(RxD)
Synchronization
sampling timing
Data sampling
timing
0
7
15 0
7
15 0
D0
D1
8 clocks
16 clocks
Start bit
Figure 11.21 Receive Data Sampling Timing in Asynchronous Mode
The receive margin in asynchronous mode can therefore be expressed as shown in equation (1).
1
| D – 0.5 |
M = | ( 0.5 –
2N
) – (L – 0.5) F –
N
(1 + F) |
× 100% ...............(1)
M:
Receive margin (
%)
N:
Ratio of clock frequency to bit rate (N = 16)
D:
Clock duty cycle (D = 0 to 1.0)
L:
Frame length (L = 9 to 12)
F:
Absolute deviation of clock frequency
From equation (1), if F = 0 and D = 0.5 the receive margin is 46.875
%, as given by equation (2).
When
D = 0.5, F = 0:
M = [0.5 – 1/(2
× 16)] × 100%
= 46.875
%
(2)
This is a theoretical value. A reasonable margin to allow in system design is 20
% to 30%.
Restrictions in Synchronous Mode: When data transmission is performed using an external
clock source as the serial clock, an interval of at least 5 states is necessary between clearing the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com