Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 412 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 412 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 408Page - Renesas Technology Corp H8/3021 Datasheet HTML 409Page - Renesas Technology Corp H8/3021 Datasheet HTML 410Page - Renesas Technology Corp H8/3021 Datasheet HTML 411Page - Renesas Technology Corp H8/3021 Datasheet HTML 412Page - Renesas Technology Corp H8/3021 Datasheet HTML 413Page - Renesas Technology Corp H8/3021 Datasheet HTML 414Page - Renesas Technology Corp H8/3021 Datasheet HTML 415Page - Renesas Technology Corp H8/3021 Datasheet HTML 416Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 412 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 388 of 684
REJ09B0352-0200
11.5
Usage Notes
Note the following points when using the SCI.
TDR Write and TDRE Flag: The TDRE flag in SSR is a status flag indicating the loading of
transmit data from TDR into TSR. The SCI sets the TDRE flag to 1 when it transfers data from
TDR to TSR.
Data can be written into TDR regardless of the state of the TDRE flag. If new data is written in
TDR when the TDRE flag is 0, the old data stored in TDR will be lost because this data has not
yet been transferred to TSR. Before writing transmit data in TDR, be sure to check that the TDRE
flag is set to 1.
Simultaneous Multiple Receive Errors: Table 11.13 indicates the state of SSR status flags when
multiple receive errors occur simultaneously. When an overrun error occurs the RSR contents are
not transferred to RDR, so receive data is lost.
Table 11.13 SSR Status Flags and Transfer of Receive Data
SSR Status Flags
Receive Data
Transfer
RDRF
ORER
FER
PER
RSR
→ RDR
Receive Errors
1
1
0
0
Not transferred
Overrun error
0
0
1
0
Transferred
Framing error
0
0
0
1
Transferred
Parity error
1
1
1
0
Not transferred
Overrun error + framing error
1
1
0
1
Not transferred
Overrun error + parity error
0
0
1
1
Transferred
Framing error + parity error
1
1
1
1
Not transferred
Overrun error + framing error + parity
error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com