Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 404 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 404 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 400Page - Renesas Technology Corp H8/3021 Datasheet HTML 401Page - Renesas Technology Corp H8/3021 Datasheet HTML 402Page - Renesas Technology Corp H8/3021 Datasheet HTML 403Page - Renesas Technology Corp H8/3021 Datasheet HTML 404Page - Renesas Technology Corp H8/3021 Datasheet HTML 405Page - Renesas Technology Corp H8/3021 Datasheet HTML 406Page - Renesas Technology Corp H8/3021 Datasheet HTML 407Page - Renesas Technology Corp H8/3021 Datasheet HTML 408Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 712 page
background image
11. Serial Communication Interface
Rev.2.00 Mar. 22, 2007 Page 380 of 684
REJ09B0352-0200
Transmitting Serial Data (Synchronous Mode): Figure 11.16 shows a sample flowchart for
transmitting serial data and indicates the procedure to follow.
Start transmitting
Read TDRE flag in SSR
TDRE = 1?
Write transmit data in
TDR and clear TDRE flag
to 0 in SSR
End
1
2
3
No
Yes
No
Yes
SCI initialization: the transmit data output function
of the TxD pin is selected automatically.
SCI status check and transmit data write: read SSR,
check that the TDRE flag is 1, then write transmit
data in TDR and clear the TDRE flag to 0.
Read TEND flag in SSR
No
Yes
1.
2.
3.
Initialize
Clear TE bit to 0 in SCR
To continue transmitting serial data: after checking
that the TDRE flag is 1, indicating that data can be
written, write data in TDR, then clear the TDRE flag
to 0.
All data
transmitted?
TEND = 1?
Figure 11.16 Sample Flowchart for Serial Transmitting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com