Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 426 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 426 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 422Page - Renesas Technology Corp H8/3021 Datasheet HTML 423Page - Renesas Technology Corp H8/3021 Datasheet HTML 424Page - Renesas Technology Corp H8/3021 Datasheet HTML 425Page - Renesas Technology Corp H8/3021 Datasheet HTML 426Page - Renesas Technology Corp H8/3021 Datasheet HTML 427Page - Renesas Technology Corp H8/3021 Datasheet HTML 428Page - Renesas Technology Corp H8/3021 Datasheet HTML 429Page - Renesas Technology Corp H8/3021 Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 402 of 684
REJ09B0352-0200
12.3
Operation
12.3.1
Overview
The main functions of the Smart Card interface are as follows.
• One frame consists of 8-bit and plus a parity bit.
• In transmission, a guard time of at least 2 etu (Elementary Time Unit: the time for transfer of
one bit) is left between the end of the parity bit and the start of the next frame.
• If a parity error is detected during reception, a low error signal level is output for one etu
period, 10.5 etu after the start bit.
• If the error signal is sampled during transmission, the same data is transmitted automatically
after the elapse of 2 etu or longer.
• Only asynchronous communication is supported; there is no clocked synchronous
communication function.
12.3.2
Pin Connections
Figure 12.2 shows a schematic diagram of Smart Card interface related pin connections.
In communication with an IC card, since both transmission and reception are carried out on a
single data transmission line, the TxD
0 pin and RxD0 pin should be connected with the LSI pin.
The data transmission line should be pulled up to the V
CC power supply with a resistor.
When the clock generated on the Smart Card interface is used by an IC card, the SCK
0 pin output
is input to the CLK pin of the IC card. No connection is needed if the IC card uses an internal
clock.
LSI port output is used as the reset signal.
Other pins must normally be connected to the power supply or ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com