Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8/3021 Datasheet(PDF) 430 Page - Renesas Technology Corp

Part # H8/3021
Description  16-Bit Single-Chip Microcomputer
PDF  712 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3021 Datasheet(HTML) 430 Page - Renesas Technology Corp

Back Button H8/3021 Datasheet HTML 426Page - Renesas Technology Corp H8/3021 Datasheet HTML 427Page - Renesas Technology Corp H8/3021 Datasheet HTML 428Page - Renesas Technology Corp H8/3021 Datasheet HTML 429Page - Renesas Technology Corp H8/3021 Datasheet HTML 430Page - Renesas Technology Corp H8/3021 Datasheet HTML 431Page - Renesas Technology Corp H8/3021 Datasheet HTML 432Page - Renesas Technology Corp H8/3021 Datasheet HTML 433Page - Renesas Technology Corp H8/3021 Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 712 page
background image
12. Smart Card Interface
Rev.2.00 Mar. 22, 2007 Page 406 of 684
REJ09B0352-0200
12.3.4
Register Settings
Table 12.3 shows a bit map of the registers used by the smart card interface.
Bits indicated as 0 or 1 must be set to the value shown. The setting of other bits is described
below.
Table 12.3
Smart Card Interface Register Settings
Bit
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
SMR
0
0
1
O/
E
1
0
CKS1
CKS0
BRR
BRR7
BRR6
BRR5
BRR4
BRR3
BRR2
BRR1
BRR0
SCR
TIE
RIE
TE
RE
0
0
0
CKE0
TDR
TDR7
TDR6
TDR5
TDR4
TDR3
TDR2
TDR1
TDR0
SSR
TDRE
RDRF
ORER
ERS
PER
TEND
0
0
RDR
RDR7
RDR6
RDR5
RDR4
RDR3
RDR2
RDR1
RDR0
SCMR
—
—
—
—
SDIR
SINV
—
SMIF
Legend:
— :
Unused bit.
SMR Setting: The O/
E bit is cleared to 0 if the IC card is of the direct convention type, and set to
1 if of the inverse convention type.
Bits CKS1 and CKS0 select the clock source of the on-chip baud rate generator. See section
12.3.5, Clock.
BRR Setting: BRR is used to set the bit rate. See section 12.3.5, Clock, for the method of
calculating the value to be set.
SCR Setting: The function of the TIE, RIE, TE, and RE bits is the same as for the normal SCI.
For details, see section 11, Serial Communication Interface.
Bit CKE0 specifies the clock output. Set these bits to 0 if a clock is not to be output, or to 1 if a
clock is to be output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com